Part Number Hot Search : 
1020C 2417K4A C3051 MGFS45V 2CLG15KV 22810 TL431AP LM317L
Product Description
Full Text Search
 

To Download 5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5100 series l-band fiber optic links features ? tvro ? broadcast ? earth stations ? headends ? vsat ? gps ? radios applications ? 950 mhz C 2050 mhz ? up to eight plug-in cards per 3u chassis ? up to four fange-mount modules per 1u chassis ? 50 ohm sma and 75 ohm type options ? affordable replacement for coaxial systems performance highlights the 5100-series fber optic inter-facility links (ifls) are a high performance, cost-effective alternative to coaxial cable for 950 mhz to 2050 mhz l-band satellite communications applications. emcores fber optic ifls, function as transparent links between satellite antennas and network operations centers (noc). these ifls eliminate the limitations of copper systems by enabling longer transmission distance while retaining the highest level of signal quality. in addition, emcores fber optics provide several other signifcant network ad - vantages, including simplifed network design, ease of installation, and immunity from emi/rfi and lightning. they are available either in a fange-mount package for outdoor applications or as a plug-in for integration with emcores system 10000 rack-mount chassis. minimum typical maximum units wavelength - 1310 - nm transmitter optical output power - 0 - dbm receiver optical input power - -12 - dbm link gain @ 1 db optical loss standard high - - -4 13 - - db temperature range flange mount rack mount -40 0 - - +65 +50 ?c ?c frequency range 950 - 2050 mhz see following pages for complete specifcations and conditions. package options transmitter receiver rack mount 1 950 - 1450 mhz 950 - 1750 mhz 950 - 2150 mhz 10346a 10346b 10347a 10446a 10446b 10447a flange mount 950 - 1450 mhz 950 - 1750 mhz 950 - 2150 mhz 3110a 3111a 3112a 4110a 4111a 4112a 1. rack mount package for system 10000 platform only satcom datasheet | october 2012 ? 2012 emcore corporation | rev 2012.10 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
5100 series l-band fiber optic links absolute maximum ratings electrical / optical characteristics parameter symbol condition min max units operating temperature range flange-mount rack-mount t op - -40 0 +65 +50 ?c ?c storage temperature flange-mount rack-mount t stg - -40 -40 +85 +85 ?c ?c dc voltage - - - 24 vdc dc current (transmitter) - +8vdc 250 - ma dc current (receiver) - +8 vdc 200 - ma parameter symbol condition min type max units wavelength (transmitter) - - 1290 - 1340 nm optical output power (transmitter) - - - 1 - mw dc responsivity (receiver) - - 0.75 - - a/w fiber - corning smf-28 or equivalent - - - - connector - fc/apc tight fit, (seikoh giken or equivalent) - - - - connector return loss - - 60 - - db rf characteristics, tx parameter performance tx gain option - std. -002 (high) tx gain (tg) - 50 ohm - -19.50 db -2.50 db tx gain (tg) - 75 ohm - -17.75 db -0.75 db noise fgure, max - 45 db 28 db input ip3, min. -20 c -40 c +7.5 dbm +4.5 dbm -9.5 dbm -12.5 dbm input 1 db compression, typical C20 c -40 c 0 dbm -3 dbm -17 dbm -20 dbm gain vs. temp. (typ.) - 0.09 db/c 0.12 db/c max rf input (tx) - +3 dbm -14 dbm amplitude fatness any 500 mhz any 40 mhz 0.75 db 0.20 db vswr input 2.0:1 input impedance - 75 ohm f, (50 ohm sma, option C001) parameter performance rx gain option - std. -002 (low) rx gain (rg) - 50ohm - +21.00 db +4.00 db rx gain (rg) - 75 ohm - +19.25 db +2.25 db gain vs. temp. (typ.) - 0.06 db/c 0.03 db/c amplitude fatness any 500 mhz any 40 mhz 0.75 db 0.15 db vswr output 1.8:1 output impedance - 75 ohm f, (50 ohm sma, option C001) rf characteristics, rx parameter l-band performance link gain - std. low high 50 ohm (at 25 c), min. - -4.00 db -15.00 db +13.00 db 75 ohm (at 25 c), min. - -4.00 db -15.00 db +13.00 db amplitude fatness any 500 mhz any 40 mhz 1.50 db 0.35 db gain vs. temp. (typ.) - 0.75 db 0.03 db/c link characteristics, 1 db optical stresses in excess of the absolute maximum ratings can cause permanent damage to the device. these are absolute stress ratings only. functional operation of the device is not implied at these or any other conditions in excess of those given in the operation - al sections of the data sheet. exposure to absolute maximum ratings for extended periods can adversely affect device reliability. satcom datasheet | october 2012 ? 2012 emcore corporation | rev 2012.10 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
5100 series l-band fiber optic links device resistance and voltage for rx optical power and dc electrical power monitor outputs (see figures 1 and 2) version voltage resistance tx/rx 5v 333 alarm open if <0.1 mw (approx.): sinks < 10 ma if > 0.1 mw vcc figure 1. receiver electrical schematic for power alarm figure 2. schematic for dc power monitor (flange mount units only) vcc orange wire input voltage 12 v 1,2 15 v 1,2 18 v 1,2 24 v 1,2 tx 170 ma 135 ma 115 ma 85 ma rx 150 ma 120 ma 100 ma 75 ma 1. applies to all versions except C003) pin information plug-in d-sub tx plug-in rx plug-in 1 3 +15 volts +15 volts 2 nc nc 3 nc nc 4 gnd gnd 5 gnd gnd 6 4 nc photodiode current monitor. (1 v/ma) 7 4 nc low optical power alarm 8 4 lnb dc output nc 9 4 connects to rf center pin for powering lnb nc rack mount package: used with the 10990a 3u rack mount chassis) 3. powered from 10901g, or equivalent power supply 4. accessible via connector on back panel of 10990a chassis 2. ripple and noise: 100 mvp-p >100 khz; 200 mvp-p <100 khz dc voltage flange mount package lead color tx rx red +8 to +24 volts +8 to +24 volts brown not used low optical power alarm orange dc power monitor dc power monitor yellow not used photodiode current monitor 1 v/ma black gnd gnd flange mount package satcom datasheet | october 2012 ? 2012 emcore corporation | rev 2012.10 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
5100 series l-band fiber optic links mounting options part / number model description capacity 1260-001-001 nema enclosure (12 x 12 x4) up to 2 fange-mount modules 1260-001-001 1u 19 rack mount chassis (1.75 x19 x 18) up to 4 fange-mount modules 1261-002-001 1u 19 rack mount chassis & internal power supply up to 4 fange-mount modules 10990a 10901g 10901g 3u 19 rack mount chassis 3u, plug-in power supply (90-260 vac input) 3u, auxiliary plug-in power supply (90-260 vac input) up to 8 plug-in modules laser safety this product meets the appropriate standard in title 21 of the code of federal regulations (cfr). fda/cdrh class 1 laser product. this device has been classifed with the fda/cdrh under accession number 0220191. all versions of this laser are class 1 laser product, tested according to iec 60825-1:2007 / en 60825-1:2007. wavelength = 1.3 m. maximum power = 30 mw. caution: use of controls, adjustments and procedures other than those specifed herein may result in hazardous laser radiation exposure. ordering code defnitions - transmitters option option availability option description standard confguration flange mount plug-in -001 x x 50 sma, female 75 f-type connector, female -002 x x two-stage rf pre-amp single stage rf pre-amp -003 x unit to run from + 5.0 v 0.2v no internal dc regulator internal dc regulator operates from +8v to +24 v input -004 x no lnb voltage on center pin dc voltage on center pin for lnb powering -006 x 75 canare bnc, female 75 f-type connector, female option option availability option description standard confguration flange mount plug-in -001 x x 50 sma, female 75 f-type connector, female -002 x x single stage rf post-amp two-stage rf post-amp. -003 x unit to run from + 5.0 v 0.2v no internal dc regulator internal dc regulator operates from +8v to +24 v input -004 x no dc voltage on center pin dc voltage on center pin -006 x 75 canare bnc, female 75 f-type connector, female ordering code defnitions - receivers satcom datasheet | october 2012 ? 2012 emcore corporation | rev 2012.10 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.
5100 series l-band fiber optic links rack mount package receiver package depicted below. transmitter plug-in has only power on indicator led. flange mount package satcom datasheet | october 2012 ? 2012 emcore corporation | rev 2012.10 626-293-3400 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice.


▲Up To Search▲   

 
Price & Availability of 5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X